Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C52 Datasheet (PDF) - TEMIC Semiconductors

S80C52 Datasheet PDF - TEMIC Semiconductors
Part # S80C52
Download  S80C52 Download
File Size   229.53 Kbytes
Page   20 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller

S80C52 Datasheet (PDF)

Go To PDF Page Download Datasheet
S80C52 Datasheet PDF - TEMIC Semiconductors

Part # S80C52
Download  S80C52 Click to download

File Size   229.53 Kbytes
Page   20 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller

S80C52 Datasheet (HTML) - TEMIC Semiconductors


S80C52 Product details

Description
TEMIC’s 80C52 and 80C32 are high performance CMOS versions of the 8052/8032 NMOS single chip 8 bit µC.
The fully static design of the TEMIC 80C52/80C32 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.

Features
● Power control modes
● 256 bytes of RAM
● 8 Kbytes of ROM (80C52)
● 32 programmable I/O lines
● Three 16 bit timer/counters
● 64 K program memory space
● 64 K data memory space
● Fully static design
● 0.8µ CMOS process
● Boolean processor
● 6 interrupt sources
● Programmable serial port
● Temperature range : commercial, industrial, automotive, military




Similar Part No. - S80C52

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C52 INTEL-S80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
S80C52-1 INTEL-S80C52-1 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
S80C52-2 INTEL-S80C52-2 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
S80C52-24 INTEL-S80C52-24 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
S80C52-33 INTEL-S80C52-33 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - S80C52

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
8-bit CMOS Microcontroller 0-60 MHz
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com