Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2432P Datasheet (PDF) - Dallas Semiconductor

DS2432P Datasheet PDF - Dallas Semiconductor
Part # DS2432P
Download  DS2432P Download
File Size   165.16 Kbytes
Page   30 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine

DS2432P Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2432P Datasheet PDF - Dallas Semiconductor

Part # DS2432P
Download  DS2432P Click to download

File Size   165.16 Kbytes
Page   30 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine

DS2432P Datasheet (HTML) - Dallas Semiconductor


DS2432P Product details

DESCRIPTION

The DS2432 combines 1024 bits of EEPROM, a 64-bit secret, an 8-byte register/control page with up to 5 user read/write bytes, a 512-bit SHA-1 engine and a fully-featured 1-Wire interface in a single chip. Each DS2432 has its own 64-bit ROM registration number that is factory lasered into the chip to provide a guaranteed unique identity for absolute traceability. Data is transferred serially via the 1-Wire protocol, which requires only a single data lead and a ground return.



FEATURES 

1128 bits of 5V EEPROM memory parti tioned into four pages of 256 bits, a 64-bit write-only secret and up to 5 general purpose read/write registers 

On-chip 512-bit SHA-1 engine to compute 160-bit Message Authentication Codes (MAC) and to generate secrets 

Write access requires knowledge of the secret and the capability of computing and transmit ting a 160-bit MAC as authorization 

Secret and data memory can be write-pro tected (all or page 0 only) or put in EPROM emulation mode (“write to 0”, page 1) 

Unique, factory-lasered and tested 64-bit reg istration number assures absolute traceability because no two parts are alike 

Built-in multidrop controller ensures compati bility with other 1-Wire net products  Reduces control, address, data and power to a single data pin 

Directly connects to a single port pin of a mi croprocessor and communicates at up to 16.3k bits per second 

Overdrive mode boosts communication speed to 142k bits per second 

Low cost 6-lead TSOC surface mount pack age, or solder-bumped Flipchip package  Reads and writes over a wide voltage range of 2.8V to 5.25V from -40°C to +85°C




Similar Part No. - DS2432P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432P MAXIM-DS2432P Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2432P+ MAXIM-DS2432P+ Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432P+ MAXIM-DS2432P+ Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2432P+R MAXIM-DS2432P+R Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2432P+T MAXIM-DS2432P+T Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results


Similar Description - DS2432P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com