Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN7173 Datasheet (PDF) - Intersil Corporation

FN7173 Datasheet PDF - Intersil Corporation
Part # FN7173
Download  FN7173 Download
File Size   141.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output

FN7173 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN7173 Datasheet PDF - Intersil Corporation

Part # FN7173
Download  FN7173 Click to download

File Size   141.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output

FN7173 Datasheet (HTML) - Intersil Corporation


FN7173 Product details

General Description
The EL4583C extracts timing from video sync in NTSC, PAL, and SECAM systems, and non standard formats, or from computer graphics operating at higher scan rates. Timing adjustment is via an external resistor. Input without valid vertical interval (no serration pulses) produces a default vertical output.
Outputs are: composite sync, vertical sync, filter, burst/back porch, horizontal, no signal detect, level, and odd/even output (in interlaced scan formats only).
The EL4583C sync slice level is set to the mid-point between sync tip and the blanking level. This 50% point is determined by two internal sample and hold circuits that track sync tip and back porch levels. It provides hum and noise rejection and compensates for input levels of 0.5V to 2.0VP-P.
A built in filter attenuates the chroma signal to prevent color burst from disturbing the 50% sync slice. Cut off frequency is set by a resistor to ground from the Filter Cut Off pin. Additionally, the filter can be by-passed and video signal fed directly to the Video Input.
The level output pin provides a signal with twice the sync amplitude which may be used to control an external AGC function. A TTL/CMOS compatible No Signal Detect Output flags a loss or reduction in input signal level. A resistor sets the Set Detect Level.
The EL4583C is manufactured using Elantec’s high performance analog CMOS process.

Features
• NTSC, PAL, and SECAM sync separation
• Single supply, +5V operation
• Precision 50% slicing
• Built-in programmable color burst filter
• Decodes non-standard vertical
• Horizontal sync output
• Sync. pulse amplitude output
• Same socket can be used for 8-pin EL4581C
• Low-power CMOS
• Detects loss of signal
• Resistor programmable scan rate
• Few external components
• Available in 16-pin PDIP and 16-pin SO (0.150”) packages

Applications
• Video special effects
• Video test equipment
• Video distribution
• Multimedia
• Displays
• Imaging
• Video data capture
• Video triggers




Similar Part No. - FN7173

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN700Z-10-06 SCHAFFNER-FN700Z-10-06 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
FN700Z-20-03 SCHAFFNER-FN700Z-20-03 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
FN700Z-6-06 SCHAFFNER-FN700Z-6-06 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
logo
EUROQUARTZ limited
FN7350 EUROQUARTZ-FN7350 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
logo
Renesas Technology Corp
FN7368 RENESAS-FN7368 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Similar Description - FN7173

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com