Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36C Datasheet (PDF) - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP36C Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.
Part # TIP36C
Download  TIP36C Download
File Size   327.6 Kbytes
Page   4 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description Audio amplifier

TIP36C Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP36C Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP36C
Download  TIP36C Click to download

File Size   327.6 Kbytes
Page   4 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description Audio amplifier

TIP36C Datasheet (HTML) - JILIN SINO-MICROELECTRONICS CO., LTD.


TIP36C Product details

FEATURES
● High collector voltage:VCEO=100V (min)
● Low collector-emitter saturation voltage
● Complementary to TIP35C
● RoHS product

APPLICATIONS
● Audio amplifier
● General purpose




Similar Part No. - TIP36C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36C MOSPEC-TIP36C Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36C MOTOROLA-TIP36C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP36C ONSEMI-TIP36C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP36C POINN-TIP36C Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP36C STMICROELECTRONICS-TIP36C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
More results


Similar Description - TIP36C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA641 FAIRCHILD-TBA641 Datasheet
356Kb / 6P
AUDIO AMPLIFIER
logo
List of Unclassifed Man...
AMIS-14935 ETC2-AMIS-14935 Datasheet
1Mb / 9P
Audio Amplifier
logo
JILIN SINO-MICROELECTRO...
TIP35C JSMC-TIP35C Datasheet
329Kb / 4P
Audio amplifier
logo
Analog Devices
SSM3515 AD-SSM3515_17 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
STMicroelectronics
BC287 STMICROELECTRONICS-BC287 Datasheet
91Kb / 4P
AUDIO AMPLIFIER
Jan-1989
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
List of Unclassifed Man...
BC286 ETC-BC286 Datasheet
112Kb / 2P
AUDIO AMPLIFIER
JANUARY 1989
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com