Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP36C
Description  Audio amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP36C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP36C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP36C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP36C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP36C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
TIP36C
版本:201605B
2/4
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbo
最小值
min
最大值
max
Unit
结到管壳的热阻 Thermal Resistance Junction Case TO-247
Rth(j-c)
-
1.0
℃/W
外形尺寸 PACKAGE MECHANICAL DATA
TO-247
单位 Unit :mm
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
ICEO
VCE=-60V,IB=0
-
-
-1
mA
IEBO
VEB=-5V,IC=0
-
-
-1
mA
ICES
VCE=-100V, VBE=0
-
-
-0.7
mA
VCEO(SUS)
Ic=-30mA,IB=0
-100
-
-
V
VCE(sat)
IC=-15.0A,IB=-1.5A
-
-
-1.8
V
VBE(ON)
VCE=-4V,IC=-15.0A
-
-
-2.0
V
hFE
VCE=-4V,IC=-1.5A
25
-
-
-
VCE=-4V,IC=-15A
10
-
50
-
fT
VCE=-10V, Ic=-1.0A
3
-
-
MHz
符号
尺寸(mm)
A
4.90-5.10
B
2.95-3.35
B1
1.95-2.35
b
1.15-1.35
c
0.50-0.70
D
20.9-21.1
E
15.7-15.9
e
5.34-5.54
F
1.90-2.10
L
19.4-20.4
L2
4.03-4.23
P
3.50-3.70
Q
6.00-6.40
Q1
2.30-2.50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com