Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201UR104C Datasheet (PDF) - CTS Corporation

201UR104C Datasheet PDF - CTS Corporation
Part # 201UR104C
Download  201UR104C Download
File Size   2629.32 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer

201UR104C Datasheet (PDF)

Go To PDF Page Download Datasheet
201UR104C Datasheet PDF - CTS Corporation

Part # 201UR104C
Download  201UR104C Click to download

File Size   2629.32 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer

201UR104C Datasheet (HTML) - CTS Corporation


201UR104C Product details

Features
• Miniature size — knob 19/32" (15.08mm) diameter
• Printed circuit mounting with knob parallel or perpendicular to printed circuit board
• Wide resistance range
• Knob slotted for screwdriver adjustment
• Reliable CTS composition resistance element
• Low cost
• RoHS compliant




Similar Part No. - 201UR104C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
logo
List of Unclassifed Man...
201 ETC2-201 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
201 ETC2-201 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
More results


Similar Description - 201UR104C

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
Panasonic Semiconductor
EVN-D2AA03B52 PANASONIC-EVN-D2AA03B52 Datasheet
152Kb / 3P
Carbon Composition Trimmer Po ten ti om e ters/EVND
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com