Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3280E Datasheet (PDF) - Maxim Integrated Products

MAX3280E Datasheet PDF - Maxim Integrated Products
Part # MAX3280E
Download  MAX3280E Download
File Size   316.65 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters

MAX3280E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3280E Datasheet PDF - Maxim Integrated Products

Part # MAX3280E
Download  MAX3280E Click to download

File Size   316.65 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters

MAX3280E Datasheet (HTML) - Maxim Integrated Products


MAX3280E Product details

General Description

The MAX3293/MAX3294/MAX3295 low-power, high speed transmitters for RS-485/RS-422 communication operate from a single +3.3V power supply. These devices contain one differential transmitter. The MAX3295 transmitter operates at data rates up to 20Mbps, with an output skew of less than 5ns, and a guaranteed driver propagation delay below 25ns. The MAX3293 (250kbps) and MAX3294 (2.5Mbps) are slew-rate limited to minimize EMI and reduce reflections caused by improperly terminated cables.



Features

♦ Space-Saving 6-Pin SOT23 Package

♦ 250kbps/2.5Mbps/20Mbps Data Rates Available

♦ Operate from a Single +3.3V Supply

♦ ESD Protection

   ±9kV—Human Body Model

♦ Slew-Rate Limited for Errorless Data Transmission (MAX3293/MAX3294)

♦ 1µA Low-Current Shutdown Mode

♦ -7V to +12V Common-Mode Input Voltage Range

♦ Current Limiting and Thermal Shutdown for Driver-Overload Protection

♦ Hot-Swap Inputs for Telecom Applications

♦ Automotive Temperature Range (-40°C to +125°C)



Applications

  RS-485/RS-422 Communications

  Clock Distribution

  Telecom Equipment

  Automotive

  Security Equipment

  Point-of-Sale Equipment

  Industrial Control



 




Similar Part No. - MAX3280E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3280E MAXIM-MAX3280E Datasheet
247Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E Datasheet
229Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280EAUK MAXIM-MAX3280EAUK Datasheet
218Kb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Similar Description - MAX3280E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com