Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC616AD Datasheet (PDF) - Sharp Corporation

PC616AD Datasheet PDF - Sharp Corporation
Part # PC616AD
Download  PC616AD Download
File Size   259.15 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler

PC616AD Datasheet (PDF)

Go To PDF Page Download Datasheet
PC616AD Datasheet PDF - Sharp Corporation

Part # PC616AD
Download  PC616AD Click to download

File Size   259.15 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler

PC616AD Datasheet (HTML) - Sharp Corporation


PC616AD Product details

■ Features
1. High collector-emitter voltage ( VCEO : 70V )
2. Compact dual-in-line package
    PC816 : 1-channel type
    PC826 : 2-channel type
    PC846 : 4-channel type
3. High isolation voltage between input and output ( VISO : 5 000V rms )
4. Current transfer ratio ( CTR : MIN. 50% at I F = 5mA, V CE = 5V)
5. Recognized by UL, file No. E64380

■ Applications
1. Programmable controllers, computers
2. System appliances, measuring instruments
3. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC616AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC61 ETC-PC61 Datasheet
721Kb / 7P
80 AMPERE MINIATURE DIRECT CURRENT CONTACTORS
logo
TE Connectivity Ltd
PC610 TEC-PC610 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Nippon Pulse America, I...
PC6115 NPM-PC6115 Datasheet
167Kb / 1P
Controller Chip
logo
Picker Components
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615-12C PICKER-PC615-12C Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
More results


Similar Description - PC616AD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com