Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

296UG503C1N Datasheet (PDF) - CTS Corporation

296UG503C1N Datasheet PDF - CTS Corporation
Part # 296UG503C1N
Download  296UG503C1N Download
File Size   395.89 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 12mm Diameter Carbon Composition Rotary Potentiometer

296UG503C1N Datasheet (PDF)

Go To PDF Page Download Datasheet
296UG503C1N Datasheet PDF - CTS Corporation

Part # 296UG503C1N
Download  296UG503C1N Click to download

File Size   395.89 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 12mm Diameter Carbon Composition Rotary Potentiometer

296UG503C1N Datasheet (HTML) - CTS Corporation




Similar Part No. - 296UG503C1N

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296UA102A1B CTS-296UA102A1B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UA102A1C CTS-296UA102A1C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UA102A2B CTS-296UA102A2B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UA102A2C CTS-296UA102A2C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UA102A3B CTS-296UA102A3B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
More results


Similar Description - 296UG503C1N

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com