Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ76 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUZ76 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUZ76
Download  BUZ76 Download
File Size   67.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Input Impedance

BUZ76 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ76 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUZ76
Download  BUZ76 Click to download

File Size   67.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Input Impedance

BUZ76 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUZ76 Product details

DESCRIPTION
• 3A,400V
• Drain Source Voltage- : VDSS= 200V(Min)
• Static Drain-Source On-Resistance : RDS(on) = 1.8Ω(Max)
• High Input Impedance
• Majority Carrier Device

APPLICATIONS
• switching regulators, switching converters
• motor drivers,relay drivers and drivers for high-power Bipolar switching transistors reguiring high speed and gate-driver power.




Similar Part No. - BUZ76

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ76 SIEMENS-BUZ76 Datasheet
174Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ76 INFINEON-BUZ76 Datasheet
140Kb / 9P
SIPMOS Power Transistor
07/96
logo
Siemens Semiconductor G...
BUZ76A SIEMENS-BUZ76A Datasheet
172Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Similar Description - BUZ76

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU20N40 FAIRCHILD-SGU20N40 Datasheet
149Kb / 5P
High input impedance
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
High Input Impedance
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
High Input Impedance
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002_15 Datasheet
135Kb / 5P
High Input Impedance-180K Min
logo
Inchange Semiconductor ...
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
High input impedance
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
High input impedance
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
High input impedance
BUZ22 ISC-BUZ22 Datasheet
66Kb / 2P
High input impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
high input impedance
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com