Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK20C04 Datasheet (PDF) - List of Unclassifed Manufacturers

STK20C04 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK20C04
Download  STK20C04 Download
File Size   79.26 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM

STK20C04 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK20C04 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK20C04
Download  STK20C04 Click to download

File Size   79.26 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM

STK20C04 Datasheet (HTML) - List of Unclassifed Manufacturers


STK20C04 Product details

[Simtek]

DESCRIPTION
The Simtek STK20C04 is a fast static RAM (30, 35, 45ns), with a nonvolatile electrically-erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data may easily be transferred from the SRAM to the EEPROM (STORE), or from the EEPROM to the SRAM (RECALL) using the NE pin. It combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity.
The STK20C04 features the industry standard pinout for nonvolatile RAMs in a 28-pin 600 mil plastic DIP.

FEATURES
• 30, 35 and 45ns Access Times
• 15, 20 and 25ns Output Enable Access
• Unlimited Read and Write to SRAM
• Hardware STORE Initiation
• Automatic STORE Timing
• 105 STORE cycles to EEPROM
• 10 year data retention in EEPROM
• Automatic RECALL on Power Up
• Hardware RECALL Initiation
• Unlimited RECALL cycles from EEPROM
• Single 5V±10% Operation
• Commercial and Industrial Temperatures
• Available in 600 mil PDIP package




Similar Part No. - STK20C04

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W25 SIMTEK-STK20C04-W25 Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W25I SIMTEK-STK20C04-W25I Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK20C04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com