Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK10C48 Datasheet (PDF) - Simtek Corporation

STK10C48 Datasheet PDF - Simtek Corporation
Part # STK10C48
Download  STK10C48 Download
File Size   429.39 Kbytes
Page   12 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK10C48 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK10C48 Datasheet PDF - Simtek Corporation

Part # STK10C48
Download  STK10C48 Click to download

File Size   429.39 Kbytes
Page   12 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK10C48 Datasheet (HTML) - Simtek Corporation


STK10C48 Product details

DESCRIPTION
The Simtek STK10C48 is a fast static RAM with a nonvolatile element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in the Nonvolatile Elements. Data may easily be transferred from the SRAM to the Nonvolatile Elements (the STORE operation), or from the Nonvolatile Elements to the SRAM (the RECALL operation), using the NE pin. Transfers from the Nonvolatile Elements to the SRAM (the RECALL operation) also take place automatically on restoration of power. The STK10C48 combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity.

FEATURES
• 25ns, 35ns and 45ns Access Times
• STORE to Nonvolatile Elements Initiated by Hardware
• RECALL to SRAM Initiated by Hardware or Power Restore
• Automatic STORE Timing
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Elements
• 100-Year Data Retention over Full Industrial Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin 300 mil PDIP, 300 mil SOIC and 350 mil SOIC Packages




Similar Part No. - STK10C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK10C48-N20 ETC-STK10C48-N20 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK10C48-N20I ETC-STK10C48-N20I Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK10C48-N25 ETC-STK10C48-N25 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK10C48-N25I ETC-STK10C48-N25I Datasheet
106Kb / 9P
2K X 8 NVSRAM
More results


Similar Description - STK10C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com