Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK10C48 Datasheet (PDF) - List of Unclassifed Manufacturers

STK10C48 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK10C48
Download  STK10C48 Download
File Size   106.75 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2K X 8 NVSRAM

STK10C48 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK10C48 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK10C48
Download  STK10C48 Click to download

File Size   106.75 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2K X 8 NVSRAM

STK10C48 Datasheet (HTML) - List of Unclassifed Manufacturers


STK10C48 Product details

[Simtek]

DESCRIPTION
The Simtek STK10C48 is a fast static RAM with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data may easily be transferred from the SRAM to the EEPROM (the STORE operation), or from the EEPROM to the SRAM (the RECALL operation), using the NE pin. Transfers from the EEPROM to the SRAM (the RECALL operation) also take place automatically on restoration of power. The STK10C48 combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity.

FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Hardware
• RECALL to SRAM Initiated by Hardware or Power Restore
• Automatic STORE Timing
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin 300 mil PDIP, 300 mil SOIC and 350 mil SOIC Packages




Similar Part No. - STK10C48

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-N25 SIMTEK-STK10C48-N25 Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-N25I SIMTEK-STK10C48-N25I Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-N35 SIMTEK-STK10C48-N35 Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-N35I SIMTEK-STK10C48-N35I Datasheet
429Kb / 12P
2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK10C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
HardStore 2K x 8 nvSRAM
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
SimtekSoftStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
PowerStore 2K x 8 nvSRAM
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
CapStore 2K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com