Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U631H16 Datasheet (PDF) - Simtek Corporation

U631H16 Datasheet PDF - Simtek Corporation
Part # U631H16
Download  U631H16 Download
File Size   133.31 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SimtekSoftStore 2K x 8 nvSRAM

U631H16 Datasheet (PDF)

Go To PDF Page Download Datasheet
U631H16 Datasheet PDF - Simtek Corporation

Part # U631H16
Download  U631H16 Click to download

File Size   133.31 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SimtekSoftStore 2K x 8 nvSRAM

U631H16 Datasheet (HTML) - Simtek Corporation


U631H16 Product details

Description

The U631H16 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

The U631H16 is a fast static RAM (25, 35, 45 ns), with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM.



Features

• High-performance CMOS nonvolatile static RAM 2048 x 8 bits

• 25, 35 and 45 ns Access Times

• 12, 20 and 25 ns Output Enable Access Times

• Software STORE Initiation (STORE Cycle Time < 10 ms)

• Automatic STORE Timing

• 106 STORE cycles to EEPROM

• 100 years data retention in EEPROM

• Automatic RECALL on Power Up

• Software RECALL Initiation (RECALL Cycle Time < 20 μs)

• Unlimited RECALL cycles from EEPROM

• Unlimited Read and Write to SRAM

• Single 5 V ± 10 % Operation 

• Operating temperature ranges: 0 to 70 °C -40 to 85 °C

• QS 9000 Quality Standard

• ESD protection > 2000 V (MIL STD 883C M3015.7-HBM)

• RoHS compliance and Pb- free

• Packages: PDIP28 (600 mil)

                SOP24 (300 mil)



 




Similar Part No. - U631H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H16BD1C25 ETC-U631H16BD1C25 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H16BD1C35 ETC-U631H16BD1C35 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H16BD1C45 ETC-U631H16BD1C45 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H16BD1K25 ETC-U631H16BD1K25 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
More results


Similar Description - U631H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
PowerStore 2K x 8 nvSRAM
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
CapStore 2K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com