Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U630H16 Datasheet (PDF) - Simtek Corporation

U630H16 Datasheet PDF - Simtek Corporation
Part # U630H16
Download  U630H16 Download
File Size   152.12 Kbytes
Page   15 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description HardStore 2K x 8 nvSRAM

U630H16 Datasheet (PDF)

Go To PDF Page Download Datasheet
U630H16 Datasheet PDF - Simtek Corporation

Part # U630H16
Download  U630H16 Click to download

File Size   152.12 Kbytes
Page   15 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description HardStore 2K x 8 nvSRAM

U630H16 Datasheet (HTML) - Simtek Corporation


U630H16 Product details

Description

The U630H16 has two separate modes of operation: SRAM mode and nonvolatile mode, determined by the state of the NE pin. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

The U630H16 is a fast static RAM (25, 35, 45 ns), with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation), or from the EEPROM to the SRAM (the RECALL operation) are initiated through the state of the NE pin. The U630H16 combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity.

Once a STORE cycle is initiated, further input or output are disabled until the cycle is completed.

Internally, RECALL is a two step procedure. First, the SRAM data is cleared and second, the nonvolatile information is transferred into the SRAM cells.

The RECALL operation in no way alters the data in the EEPROM cells. The nonvolatile data can be recalled an unlimited number of times.



Features

• High-performance CMOS nonvo latile static RAM 2048 x 8 bits

• 25, 35 and 45 ns Access Times

• 12, 20 and 25 ns Output Enable Access Times

• Hardware STORE Initiation

   (STORE Cycle Time < 10 ms)

• Automatic STORE Timing

• 106 STORE cycles to EEPROM

• 100 years data retention in EEPROM

• Automatic RECALL on Power Up

• Hardware RECALL Initiation

   (RECALL Cycle Time < 20 ms)

• Unlimited RECALL cycles from EEPROM

• Unlimited Read and Write to SRAM

• Single 5 V ± 10 % Operation

• Operating temperature ranges:

   0 to 70 ×C

   -40 to 85 ×C

   -40 to 125 °C(only 35 ns)

• QS 9000 Quality Standard

• ESD protection > 2000 V

   (MIL STD 883C M3015.7-HBM)

• RoHS compliance and Pb- free

• Packages:SOP28 (300 mil), PDIP28 (300/600 mil)



 




Similar Part No. - U630H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
U630H16D1A25 ETC-U630H16D1A25 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
U630H16D1A25G1 ETC-U630H16D1A25G1 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
U630H16D1A35 ETC-U630H16D1A35 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
U630H16D1A35G1 ETC-U630H16D1A35G1 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
More results


Similar Description - U630H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
2K X 8 AUTOSTORE NVSRAM
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
HARDSTORE 2K X 8 NVSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
HardStore 8K x 8 nvSRAM
logo
Simtek Corporation
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
HardStore 2K x 8 nvSRAM Die
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
SimtekSoftStore 2K x 8 nvSRAM
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com