Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q Datasheet (PDF) - Future Technology Devices International Ltd.

FT601Q Datasheet PDF - Future Technology Devices International Ltd.
Part # FT601Q
Download  FT601Q Download
File Size   1584.45 Kbytes
Page   32 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd.

FT601Q Datasheet (PDF)

Go To PDF Page Download Datasheet
FT601Q Datasheet PDF - Future Technology Devices International Ltd.

Part # FT601Q
Download  FT601Q Click to download

File Size   1584.45 Kbytes
Page   32 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd.

FT601Q Datasheet (HTML) - Future Technology Devices International Ltd.


FT601Q Product details

USB 3.0 to FIFO Bridge

The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features:

• Supports USB 3.0 Super Speed (5Gbps)/USB
   2.0 High Speed (480Mbps)/USB 2.0 Full
   Speed (12Mbps) transfer.
• Supported USB Transfer Type:
   Control/Bulk/Interrupt
• Up to 8 configurable endpoints (PIPEs).
• Supports 2 parallel slave FIFO bus protocols
   245 and FIFO mode, FT601 with 32 bit
   parallel interface has a data bursting rate up
   to 400MB/s.
• Supports 4 IN channels and 4 OUT channels
   on FIFO bus connectivity.
• Built-in 16kB FIFO data buffer RAM.
• Supports Remote Wakeup capability.
• Supports multi voltage I/O: 1.8V, 2.5V and 3.3V.
• Configurable GPIO support.
• Internal LDO 1.0V regulator.
• Integrated power-on-reset circuit.
• User programmable USB descriptors.
• Supports Battery Charging spec. BC1.2.
• Available as FT600-16bit/FT601-32bit FIFO interface.
• Industrial operating temperature range: -40 to 85⁰C.
• Available in compact Pb-free QFN-76(32bit) and QFN-
   56(16bit) packages (both RoHS compliant).

Typical Applications
• Upgrading Legacy Peripherals to USB
• Utilising USB to add system modularity
• Interfacing PLD/FPGA based designs to USB 3.0
• USB 3.0 data acquisition
• USB 3.0 Digital Video Camera Interface
• USB 3.0 Digital Camera
• USB 3.0 Interface for Printer/Scanner
• Medical/Industrial imaging devices
• USB 3.0 Instrumentation




Similar Part No. - FT601Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT601Q FTDI-FT601Q Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
FT601Q-B FTDI-FT601Q-B Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
FT601Q-B-R FTDI-FT601Q-B-R Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
FT601Q-B-T FTDI-FT601Q-B-T Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
More results


Similar Description - FT601Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com