Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7591 Datasheet (PDF) - IXYS Corporation

CPC7591 Datasheet PDF - IXYS Corporation
Part # CPC7591
Download  CPC7591 Download
File Size   243.03 Kbytes
Page   17 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Monolithic IC Reliability

CPC7591 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7591 Datasheet PDF - IXYS Corporation

Part # CPC7591
Download  CPC7591 Click to download

File Size   243.03 Kbytes
Page   17 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Monolithic IC Reliability

CPC7591 Datasheet (HTML) - IXYS Corporation


CPC7591 Product details

Description
The CPC7591 is a member of IXYS Integrated Circuits Division’s next generation Line Card Access Switch (LCAS) family. This monolithic 4-pole solid state switch is available in a 16-pin SOIC package. It provides the necessary functions to replace the 2-Form-C electromechanical ringing relay and it’s associated snubber circuitry on traditional analog line cards or contemporary integrated voice and data (IVD) line cards found in Central Office (CO), Access, and PBX equipment. Because this device contains solid state switches for tip and ring line break and for ringing injection/return, it requires only a +5 V supply for operation and TTL logic-level inputs for control. The CPC7591 provides stable start-up conditioning during system power up and for hot plug insertion applications. Once active, the inputs respond to traditional TTL logic levels, enabling the CPC7591 to be used with 3.3V-only logic.

Features
• TTL Logic Level Inputs for 3.3V Logic Interfaces
• Smart Logic for Power Up / Hot Plug State Control
• Improved Switch dV/dt Immunity of 500 V/s
• Monolithic IC Reliability
• Low, Matched RON
• Eliminates the Need for Zero-Cross Switching
• Flexible Switch Timing for Transition from Ringing Mode to Idle/Talk Mode.
• Clean, Bounce-Free Switching
• Tertiary Protection Consisting of Integrated Current Limiting, Voltage Clamping, and Thermal Shutdown for SLIC Protection
• 5V Operation with Power Consumption < 10 mW
• Intelligent Battery Monitor
• Latched Logic-Level Inputs, no External Drive Circuitry
• Small 16-pin SOIC

Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks




Similar Part No. - CPC7591

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7591BA IXYS-CPC7591BA Datasheet
1Mb / 17P
Line Card Access Switch
logo
Clare, Inc.
CPC7591BATR CLARE-CPC7591BATR Datasheet
556Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7591BATR IXYS-CPC7591BATR Datasheet
1Mb / 17P
Line Card Access Switch
CPC7591BB IXYS-CPC7591BB Datasheet
1Mb / 17P
Line Card Access Switch
More results


Similar Description - CPC7591

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
Monolithic IC
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
Monolithic IC
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
IC for XO Monolithic IC
logo
IXYS Corporation
CPC7583 IXYS-CPC7583 Datasheet
256Kb / 19P
Monolithic IC reliability
logo
Allegro MicroSystems
ACS754 ALLEGRO-ACS754 Datasheet
519Kb / 9P
Monolithic Hall IC for high reliability
ACS755XCB-200 ALLEGRO-ACS755XCB-200 Datasheet
477Kb / 9P
Monolithic Hall IC for high reliability
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com