Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7591 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7591
Description  Monolithic IC Reliability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7591 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7591 Datasheet HTML 1Page - IXYS Corporation CPC7591 Datasheet HTML 2Page - IXYS Corporation CPC7591 Datasheet HTML 3Page - IXYS Corporation CPC7591 Datasheet HTML 4Page - IXYS Corporation CPC7591 Datasheet HTML 5Page - IXYS Corporation CPC7591 Datasheet HTML 6Page - IXYS Corporation CPC7591 Datasheet HTML 7Page - IXYS Corporation CPC7591 Datasheet HTML 8Page - IXYS Corporation CPC7591 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7591-R06
www.ixysic.com
1
CPC7591
Line Card Access Switch
e3
Pb
Features
• TTL Logic Level Inputs for 3.3V Logic Interfaces
• Smart Logic for Power Up / Hot Plug State Control
• Improved Switch dV/dt Immunity of 500 V/
s
• Monolithic IC Reliability
• Low, Matched R
ON
• Eliminates the Need for Zero-Cross Switching
• Flexible Switch Timing for Transition from Ringing
Mode to Idle/Talk Mode.
• Clean, Bounce-Free Switching
• Tertiary Protection Consisting of Integrated Current
Limiting, Voltage Clamping, and Thermal Shutdown
for SLIC Protection
• 5V Operation with Power Consumption < 10 mW
• Intelligent Battery Monitor
• Latched Logic-Level Inputs, no External Drive
Circuitry
• Small 16-pin SOIC
Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7591 is a member of IXYS Integrated
Circuits Division’s next generation Line Card Access
Switch (LCAS) family. This monolithic 4-pole solid
state switch is available in a 16-pin SOIC package. It
provides the necessary functions to replace the
2-Form-C electromechanical ringing relay and it’s
associated snubber circuitry on traditional analog line
cards or contemporary integrated voice and data (IVD)
line cards found in Central Office (CO), Access, and
PBX equipment. Because this device contains solid
state switches for tip and ring line break and for ringing
injection/return, it requires only a +5 V supply for
operation and TTL logic-level inputs for control. The
CPC7591 provides stable start-up conditioning during
system power up and for hot plug insertion
applications. Once active, the inputs respond to
traditional TTL logic levels, enabling the CPC7591 to
be used with 3.3V-only logic.
For negative transient voltage protection the
CPC7591BA version includes SCRs to provide
voltage fold-back protection for the SLIC and
subsequent circuitry, while the CPC7591BB version
utilizes clamping diodes to the VBAT pin. For positive
transient voltage protection all versions provide
clamping diodes to the FGND pin.
Ordering Information
Figure 1. CPC7591 Block Diagram
Part #
Description
CPC7591BA
16-Pin SOIC, with Protection SCR, 50/Tube
CPC7591BATR
16-Pin SOIC, with Protection SCR, 1000/Reel
CPC7591BB
16-Pin SOIC, without Protection SCR, 50/Tube
CPC7591BBTR
16-Pin SOIC, without Protection SCR, 1000/Reel
CPC7591
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR Trip Circuit
(CPC7591BA)
+5 Vdc
Tip
Ring
SLIC
Secondary
Protection
X
X
X
X
SW2
SW4
RINGING
300
(min.)
Ω
T
RINGING
SW3
SW1
V
BAT
R
RINGING


Similar Part No. - CPC7591

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7591BA IXYS-CPC7591BA Datasheet
1Mb / 17P
Line Card Access Switch
logo
Clare, Inc.
CPC7591BATR CLARE-CPC7591BATR Datasheet
556Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7591BATR IXYS-CPC7591BATR Datasheet
1Mb / 17P
Line Card Access Switch
CPC7591BB IXYS-CPC7591BB Datasheet
1Mb / 17P
Line Card Access Switch
More results

Similar Description - CPC7591

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
Monolithic IC
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
Monolithic IC
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
IC for XO Monolithic IC
logo
IXYS Corporation
CPC7583 IXYS-CPC7583 Datasheet
256Kb / 19P
Monolithic IC reliability
logo
Allegro MicroSystems
ACS754 ALLEGRO-ACS754 Datasheet
519Kb / 9P
Monolithic Hall IC for high reliability
ACS755XCB-200 ALLEGRO-ACS755XCB-200 Datasheet
477Kb / 9P
Monolithic Hall IC for high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com