Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7591 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7591
Description  Monolithic IC Reliability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7591 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7591 Datasheet HTML 8Page - IXYS Corporation CPC7591 Datasheet HTML 9Page - IXYS Corporation CPC7591 Datasheet HTML 10Page - IXYS Corporation CPC7591 Datasheet HTML 11Page - IXYS Corporation CPC7591 Datasheet HTML 12Page - IXYS Corporation CPC7591 Datasheet HTML 13Page - IXYS Corporation CPC7591 Datasheet HTML 14Page - IXYS Corporation CPC7591 Datasheet HTML 15Page - IXYS Corporation CPC7591 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
INTEGRATED CIRCUITS DIVISION
12
www.ixysic.com
R06
CPC7591
Make-Before-Break Ringing to Talk Transition Logic Sequence
2.3.4 Break-Before-Make Operation
Break-before-make ringing switch release timing is
performed via the bidirectional TSD interface. As an
input, the TSD can disable all of the CPC7591 switches
when pulled to a logic low. Although logically disabled,
an active (closed) ringing switch (SW4) will remain
closed until the next current zero crossing event. This
operational sequence is shown below in the
“Break-Before-Make Ringing to Talk Transition Logic
Sequence” on page 12.
1.
Pull TSD to a logic low to end the ringing state.
This opens the ringing return switch (SW3) and
prevents any other switches from closing.
2.
Keep TSD low for at least one-half the duration of
the ringing cycle period to allow sufficient time for
a zero crossing current event to occur and for the
circuit to enter the break before make state.
3.
During the TSD low period, clear the INRINGING
input for the talk state (logic low).
4.
Release TSD allowing the internal pull-up to
activate the break switches.
When using TSD as an input, the two recommended
states are “0” which overrides the logic input pins and
forces an all-off state and “Z” which allows normal
switch control via the logic input pins. This requires the
use of an open-collector or open-drain type buffer.
Break-Before-Make Ringing to Talk Transition Logic Sequence
Logic states and explanations are provided in the “Truth Table” on page 9.
State
INRINGING
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Ringing
1
0Z
-Off
On
On
Make-
Before-
Break
0
SW4 waiting for next zero-current crossing to
turn off. Maximum time is one-half of the ringing
cycle. In this transition state, current that is
limited to the dc break switch current limit value
will be sourced from the ring node of the SLIC.
On
Off
On
Talk
0
Zero-cross current has occurred
On
Off
Off
State
INRINGING
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Ringing
1
0
Z-
Off
On
On
All-off
1
0
Hold this state for one-half of the ringing cycle.
SW4 waiting for zero current to turn off.
Off
Off
On
All-off
0
Zero current has occurred. SW4 has opened
Off
Off
Off
Talk
0
Z
Close break switches
On
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com