Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592 Datasheet (PDF) - IXYS Corporation

CPC7592 Datasheet PDF - IXYS Corporation
Part # CPC7592
Download  CPC7592 Download
File Size   262.23 Kbytes
Page   19 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Eliminates the need for zero cross switching

CPC7592 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7592 Datasheet PDF - IXYS Corporation

Part # CPC7592
Download  CPC7592 Click to download

File Size   262.23 Kbytes
Page   19 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Eliminates the need for zero cross switching

CPC7592 Datasheet (HTML) - IXYS Corporation


CPC7592 Product details

Description
The CPC7592 is a member of IXYS Integrated Circuits Division’s next generation Line Card Access Switch family. This monolithic 6-pole solid-state switch is available in a 16-pin SOIC package. It provides the necessary functions to replace two 2-Form-C electro-mechanical relays used on traditional analog and contemporary integrated voice and data (IVD) line cards found in Central Office, Access, and PBX equipment. Because this device contains solid state switches for tip and ring line break, ringing injection/return, and test access, it needs only a +5V supply for operation and logic-level inputs for control.
The CPC7592 is very similar to the CPC7582 with the addition of controlled start-up states and TTL compatible logic inputs.
The CPC7592BC logic provides alternative test states from the CPC7592BA/BB while also providing greater protection SCR trigger and hold current ratings.

Features
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Monolithic IC reliability
• Low matched RON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
   to talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
   limiting, voltage clamping, and thermal shutdown for
   SLIC protection
• 5V operation with power consumption < 10 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
   required
• Small 16-pin SOIC Package

Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks




Similar Part No. - CPC7592

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7592 CLARE-CPC7592 Datasheet
594Kb / 20P
Line Card Access Switch
logo
IXYS Corporation
CPC7592BA IXYS-CPC7592BA Datasheet
1Mb / 19P
Line Card Access Switch
logo
Clare, Inc.
CPC7592BATR CLARE-CPC7592BATR Datasheet
594Kb / 20P
Line Card Access Switch
logo
IXYS Corporation
CPC7592BATR IXYS-CPC7592BATR Datasheet
1Mb / 19P
Line Card Access Switch
CPC7592BB IXYS-CPC7592BB Datasheet
1Mb / 19P
Line Card Access Switch
More results


Similar Description - CPC7592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR825PBF IRF-IRFR825PBF Datasheet
216Kb / 9P
fast body diode eliminates the need for external
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8063 SSOUSA-STZ8063 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8083 SSOUSA-STZ8083 Datasheet
402Kb / 9P
Zero Cross Switching
logo
IXYS Corporation
CPC1964G IXYS-CPC1964G Datasheet
119Kb / 6P
Zero-Cross Switching
logo
American Electronic Com...
HHG1C AEC-HHG1C Datasheet
298Kb / 2P
Zero cross-over switching
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com