Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7592
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7592 Datasheet HTML 1Page - IXYS Corporation CPC7592 Datasheet HTML 2Page - IXYS Corporation CPC7592 Datasheet HTML 3Page - IXYS Corporation CPC7592 Datasheet HTML 4Page - IXYS Corporation CPC7592 Datasheet HTML 5Page - IXYS Corporation CPC7592 Datasheet HTML 6Page - IXYS Corporation CPC7592 Datasheet HTML 7Page - IXYS Corporation CPC7592 Datasheet HTML 8Page - IXYS Corporation CPC7592 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
e3
Pb
DS-CPC7592-R04
www.ixysic.com
1
CPC7592
Line Card Access Switch
Features
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Monolithic IC reliability
• Low matched R
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
to talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
• 5V operation with power consumption < 10 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
required
• Small 16-pin SOIC Package
Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7592 is a member of IXYS Integrated
Circuits Division’s next generation Line Card Access
Switch family. This monolithic 6-pole solid-state switch
is available in a 16-pin SOIC package. It provides the
necessary functions to replace two 2-Form-C
electro-mechanical relays used on traditional analog
and contemporary integrated voice and data (IVD) line
cards found in Central Office, Access, and PBX
equipment. Because this device contains solid state
switches for tip and ring line break, ringing
injection/return, and test access, it needs only a +5V
supply for operation and logic-level inputs for control.
The CPC7592 is very similar to the CPC7582 with the
addition of controlled start-up states and TTL
compatible logic inputs.
The CPC7592BC logic provides alternative test states
from the CPC7592BA/BB while also providing greater
protection SCR trigger and hold current ratings.
Ordering Information
Figure 1. CPC7592 Block Diagram
Part #
Description
CPC7592BA
16-Pin SOIC, with Protection SCR, 50/Tube
CPC7592BATR
16-Pin SOIC, with Protection SCR, 1000/Reel
CPC7592BB
16-Pin SOIC, without Protection SCR, 50/Tube
CPC7592BBTR
16-Pin SOIC, without Protection SCR, 1000/Reel
CPC7592BC
16-Pin SOIC, With Protection SCR and “Monitor Test
State”, 50/Tube
CPC7592BCTR
16-Pin SOIC, With Protection SCR and “Monitor Test
State”, 1000/Reel
CPC7592
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
3
5
4
14
2
6
7
8
16
1
13
12
15
9
10
11
L
A
T
C
H
Switch
Control
Logic
+5V
DC
SLIC
X
X
X
X
X
XSW5
SW6
SW2
SW4
T
TEST
RINGING
300
(min.)
Ω
R
TEST
T
RINGING
SW3
SW1
V
BAT
Secondary
Protection
Tip
Ring
R
RINGING
SCR Trip Circuit
(CPC7592BA/BC)


Similar Part No. - CPC7592

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7592 CLARE-CPC7592 Datasheet
594Kb / 20P
Line Card Access Switch
logo
IXYS Corporation
CPC7592BA IXYS-CPC7592BA Datasheet
1Mb / 19P
Line Card Access Switch
logo
Clare, Inc.
CPC7592BATR CLARE-CPC7592BATR Datasheet
594Kb / 20P
Line Card Access Switch
logo
IXYS Corporation
CPC7592BATR IXYS-CPC7592BATR Datasheet
1Mb / 19P
Line Card Access Switch
CPC7592BB IXYS-CPC7592BB Datasheet
1Mb / 19P
Line Card Access Switch
More results

Similar Description - CPC7592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR825PBF IRF-IRFR825PBF Datasheet
216Kb / 9P
fast body diode eliminates the need for external
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8063 SSOUSA-STZ8063 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8083 SSOUSA-STZ8083 Datasheet
402Kb / 9P
Zero Cross Switching
logo
IXYS Corporation
CPC1964G IXYS-CPC1964G Datasheet
119Kb / 6P
Zero-Cross Switching
logo
American Electronic Com...
HHG1C AEC-HHG1C Datasheet
298Kb / 2P
Zero cross-over switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com