Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592 Datasheet(PDF) 17 Page - IXYS Corporation

Part # CPC7592
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592 Datasheet(HTML) 17 Page - IXYS Corporation

Back Button CPC7592 Datasheet HTML 11Page - IXYS Corporation CPC7592 Datasheet HTML 12Page - IXYS Corporation CPC7592 Datasheet HTML 13Page - IXYS Corporation CPC7592 Datasheet HTML 14Page - IXYS Corporation CPC7592 Datasheet HTML 15Page - IXYS Corporation CPC7592 Datasheet HTML 16Page - IXYS Corporation CPC7592 Datasheet HTML 17Page - IXYS Corporation CPC7592 Datasheet HTML 18Page - IXYS Corporation CPC7592 Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7592
R04
www.ixysic.com
17
2.9.2 Current Limiting function
If a lightning strike transient occurs when the device is
in the talk state, the current is passed along the line to
the integrated protection circuitry and restricted by the
dynamic current limit response of the active switches.
During the talk state, when a 1000V 10x1000
s
lightning pulse (GR-1089-CORE) is applied to the line
though a properly clamped external protector, the
current seen at TLINE and RLINE will be a pulse with a
typical magnitude of 2.5 A and a duration less than
0.5
s.
If a power-cross fault occurs with the device in the talk
state, the current is passed though break switches
SW1 and SW2 on to the integrated protection circuit
but is limited by the dynamic DC current limit response
of the two break switches. The DC current limit
specified over temperature is between 80 mA and
425 mA and the circuitry has a negative temperature
coefficient. As a result, if the device is subjected to
extended heating due to a power cross fault condition,
the measured current at TLINE and RLINE will decrease
as the device temperature increases. If the device
temperature rises sufficiently, the temperature
shutdown mechanism will activate and the device will
enter the all-off state.
2.10 Thermal Shutdown
The thermal shutdown mechanism activates when the
device die temperature reaches a minimum of 110
 C,
placing the device in the all-off state regardless of
logic input. During thermal shutdown events the TSD
pin will output a logic low with a nominal 0 V level. A
logic high is output from the TSD pin during normal
operation with a typical output level equal to VDD.
If presented with a short duration transient such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
event, the device temperature will rise and the thermal
shutdown mechanism will activate forcing the switches
to the all-off state. At this point the current measured
into TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown it will remain in the all-off
state until the temperature of the device drops below
the de-activation level of the thermal shutdown circuit.
This permits the device to autonomously return to
normal operation. If the transient has not passed,
current will again flow up to the value allowed by the
dynamic DC current limiting of the switches and
heating will resume, reactivating the thermal shutdown
mechanism. This cycle of entering and exiting the
thermal shutdown mode will continue as long as the
fault condition persists. If the magnitude of the fault
condition is great enough, the external secondary
protector will activate shunting the fault current to
ground.
2.11 External Protection Elements
The CPC7592 requires only over voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7592. A foldback or crowbar type protector is
recommended to minimize stresses on the CPC7592.
Consult IXYS IC Division’s application note, AN-100,
“Designing Surge and Power Fault Protection Circuits for
Solid State Subscriber Line Interfaces” for equations
related to the specifications of external secondary
protectors, fused resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com