Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7592
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7592 Datasheet HTML 9Page - IXYS Corporation CPC7592 Datasheet HTML 10Page - IXYS Corporation CPC7592 Datasheet HTML 11Page - IXYS Corporation CPC7592 Datasheet HTML 12Page - IXYS Corporation CPC7592 Datasheet HTML 13Page - IXYS Corporation CPC7592 Datasheet HTML 14Page - IXYS Corporation CPC7592 Datasheet HTML 15Page - IXYS Corporation CPC7592 Datasheet HTML 16Page - IXYS Corporation CPC7592 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7592
R04
www.ixysic.com
13
Sequence CPC7592xA/B” on page 14, and
“Break-Before-Make Ringing to Talk Transition Logic
Sequence for all Versions” on page 15. Logic states and
input control settings are provided in “CPC7592xA and
CPC7592xB Truth Table” on page 10 and “CPC7592xC Truth
Table” on page 10.
2.3.3 Make-Before-Break Operation - All Versions
To use make-before-break operation, change the logic
inputs from the ringing state directly to the talk state.
Application of the talk state opens the ringing return
switch, SW3, as the break switches SW1 and SW2
close. The ringing switch, SW4, remains closed until
the next zero-crossing of the ringing current. While in
the make-before-break state, ringing potentials in
excess of the CPC7592 protection circuitry thresholds
will be diverted away from the SLIC.
Make-Before-Break Ringing to Talk Transition Logic Sequence for All Versions
2.3.4 Break-Before-Make Operation - CPC7592xA/B
Break-before-make operation of the CPC7592xA/B
can be achieved using two different techniques.
The first method uses manipulation of the INRINGING
and INTEST logic inputs as shown in
“Break-Before-Make Ringing to Talk Transition Logic
Sequence CPC7592xA/B” on page 14.
1.
At the end of the ringing state apply the all off
state (1,1). This releases the ringing return
switch (SW3) while the ringing switch (SW4)
remains on, waiting for the next zero current
event.
2.
Hold the all off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs and that SW4, the ringing switch, has
opened.
3.
Apply inputs for the next desired state. For the
talk state, the inputs would be (0,0).
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0Z
-Off
On
On
Off
Make-
before-
break
00
SW4 waiting for next zero-current crossing to
turn off. Maximum time is one-half of the
ringing cycle. In this transition state current
limited by the dc break switch current limit
value will be sourced from the ring node of
the SLIC.
On
Off
On
Off
Talk
0
0
Zero-cross current has occurred
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com