Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

288VB32K242A1 Datasheet (PDF) - CTS Corporation

288VB32K242A1 Datasheet PDF - CTS Corporation
Part # 288VB32K242A1
Download  288VB32K242A1 Download
File Size   317.31 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Miniature 16mm Size Rotary Encoder

288VB32K242A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
288VB32K242A1 Datasheet PDF - CTS Corporation

Part # 288VB32K242A1
Download  288VB32K242A1 Click to download

File Size   317.31 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Miniature 16mm Size Rotary Encoder

288VB32K242A1 Datasheet (HTML) - CTS Corporation




Similar Part No. - 288VB32K242A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Adafruit Industries
288 ADAFRUIT-288 Datasheet
170Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Red
logo
Keystone Electronics Co...
288 KEYSTONE-288 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Spelsberg
288 420 01 SPELSBERG-288 420 01 Datasheet
9Mb / 4P
B-Box 040
More results


Similar Description - 288VB32K242A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
Industrial 16mm size Conductive Plastic Precision Rotary Sensor
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
16mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com