Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP16 Datasheet (PDF) - Tyco Electronics

DP16 Datasheet PDF - Tyco Electronics
Part # DP16
Download  DP16 Download
File Size   161.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 16mm Rotary Encoder

DP16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP16 Datasheet PDF - Tyco Electronics

Part # DP16
Download  DP16 Click to download

File Size   161.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 16mm Rotary Encoder

DP16 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DP16

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DP1610 CRYDOM-DP1610 Datasheet
297Kb / 3P
Integrated Circuit Solid-State Relay
logo
Frontier Electronics.
DP1624K0603AT FRONTIER-DP1624K0603AT Datasheet
172Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP1624K0603BT FRONTIER-DP1624K0603BT Datasheet
172Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP1624M0603AT FRONTIER-DP1624M0603AT Datasheet
242Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
DP1624P1008AT FRONTIER-DP1624P1008AT Datasheet
215Kb / 2P
Surface mount diplexer with a small size of 2.5 X 2.0 X 0.80 mm, RoHS compliant.
More results


Similar Description - DP16

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
Incremental rotary encoder
RSI58O-02YK1R61T-01024 PF-RSI58O-02YK1R61T-01024 Datasheet
215Kb / 3P
Incremental rotary encoder
THI40N-YYAK2R6YN-00050 PF-THI40N-YYAK2R6YN-00050 Datasheet
575Kb / 4P
Incremental rotary encoder
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com