Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP16 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DP16
Description  16mm Rotary Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP16 Datasheet(HTML) 1 Page - Tyco Electronics

  DP16 Datasheet HTML 1Page - Tyco Electronics DP16 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
■ 16mm Rotary Encoder
■ Incremental Type
■ Various Shaft Lengths
■ Pulse Options
■ Detent Options
16mm Rotary incremental encoder for
use in electronic equipment.
Can be supplied with customisation to
standard options
Characteristics -
Electrical
Pulses:
12 & 24
Contact Rating:
5VDC @ 5mA
Dielectric Strength:
50VAC / 1mA, 1 minute
Insulation Resistance (min):
10M ohms at 50VDC
Operating Speed (RPM):
60 RPM
Electrical Travel:
Continuous
Rotational Noise:
t2 = 2.0 ms max (see below)
Chattering:
t1 & t3 = 3.0 ms max (see below)
Code Off area V = 3.5V or more. Code on area V=1.5V or less
Characteristics -
Mechanical
Total Mechanical Travel:
Continuous
Detents:
0, 12, 24
Shaft Type:
F – Flatted
Shaft Length (from Mounting Surface):
15, 20, 25
Characteristics -
Environmental
Operating Temperature
-10 ~ +70 degrees C
Rotational Life
15,000 Cycles
Output Signal Format
Shaft Rotational
Signal
Format
Direction
A (Terminal A-C)
B (Terminal B-C)
A (Terminal A-C)
B (Terminal B-C)
Clockwise
Anticlockwise
Type DP16 Series
Literature No. 1-1773449-1
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
16mm Rotary Encoder
Type DP16 Series


Similar Part No. - DP16

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DP1610 CRYDOM-DP1610 Datasheet
297Kb / 3P
Integrated Circuit Solid-State Relay
logo
Frontier Electronics.
DP1624K0603AT FRONTIER-DP1624K0603AT Datasheet
172Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP1624K0603BT FRONTIER-DP1624K0603BT Datasheet
172Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP1624M0603AT FRONTIER-DP1624M0603AT Datasheet
242Kb / 2P
Surface mount diplexer with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
DP1624P1008AT FRONTIER-DP1624P1008AT Datasheet
215Kb / 2P
Surface mount diplexer with a small size of 2.5 X 2.0 X 0.80 mm, RoHS compliant.
More results

Similar Description - DP16

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
Incremental rotary encoder
RSI58O-02YK1R61T-01024 PF-RSI58O-02YK1R61T-01024 Datasheet
215Kb / 3P
Incremental rotary encoder
THI40N-YYAK2R6YN-00050 PF-THI40N-YYAK2R6YN-00050 Datasheet
575Kb / 4P
Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com