Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP16 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DP16
Description  16mm Rotary Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP16 Datasheet(HTML) 2 Page - Tyco Electronics

  DP16 Datasheet HTML 1Page - Tyco Electronics DP16 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Literature No. 1-1773449-1
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
16mm Rotary Encoder
Type DP16 Series
Dimensions
DP16H
DP16V
Shaft Length
L
15
20
25
F
712
12
DP16
H
N
12
A
15
F
Common Part
DP16 – No Switch
Orientation
H - Horizontal
V - Vertical
Detent
N - None
12 – 12 Clicks
24 – 24 Clicks
Pulses
12 – 12 Pulses
24 – 24 Pulses
Bush Details
A – 5mm
B – 7mm
Shaft Length
15 – 15mm
20 – 20mm
25 – 25mm
Shaft Style
F - Flatted
How to Order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com