Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W5 Datasheet (PDF) - STMicroelectronics

ESDA25W5 Datasheet PDF - STMicroelectronics
Part # ESDA25W5
Download  ESDA25W5 Download
File Size   110.19 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSIL array for data protection

ESDA25W5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA25W5 Datasheet PDF - STMicroelectronics

Part # ESDA25W5
Download  ESDA25W5 Click to download

File Size   110.19 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSIL array for data protection

ESDA25W5 Datasheet (HTML) - STMicroelectronics


ESDA25W5 Product details

Description
The ESDAxxxWx are monolithic suppressors designed to protect components connected to data and transmission lines against ESD. These devices clamp the voltage just above the logic level supply for positive transients, and to a diode drop below ground for negative transients. Benefits ■ High ESD protection level: up to 25 kV ■ High integration Complies with the following standards IEC61000-4-2 MIL STD 883E - Method 3015-7 Class 3

Features
■ 2 up to 5 Unidirectional Transil functions
■ Breakdown voltage: VBR = 6.1 V min. and 25 V min.
■ Low leakage current: < 1 µA
■ Very small PCB area < 4.2 mm2 typically




Similar Part No. - ESDA25W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
38Kb / 5P
QUAL TRANSILO ARRAY FOR ESD PROTECTION
Mar-2000
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
More results


Similar Description - ESDA25W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXXWX STMICROELECTRONICS-ESDAXXXWX Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
logo
Leshan Radio Company
LESDA6V1W6T1G LRC-LESDA6V1W6T1G Datasheet
344Kb / 4P
Transil array for data protection
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
Transil array for data protection
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
Transil array for data protection
logo
First Silicon Co., Ltd
ESDA6V1W6 FS-ESDA6V1W6 Datasheet
236Kb / 4P
Transil array for data protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com