Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA25W5
Description  TRANSIL array for data protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W5 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA25W5 Datasheet HTML 1Page - STMicroelectronics ESDA25W5 Datasheet HTML 2Page - STMicroelectronics ESDA25W5 Datasheet HTML 3Page - STMicroelectronics ESDA25W5 Datasheet HTML 4Page - STMicroelectronics ESDA25W5 Datasheet HTML 5Page - STMicroelectronics ESDA25W5 Datasheet HTML 6Page - STMicroelectronics ESDA25W5 Datasheet HTML 7Page - STMicroelectronics ESDA25W5 Datasheet HTML 8Page - STMicroelectronics ESDA25W5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDAxxxWx
1 Characteristics
3/11
Part Numbers
VBR
@ IR
IRM @ VRM
VF @ IF
Rd
αTC
min.
max.
max.
typ.(1)
max.(2)
typ.
0V bias
VV
mA
µA
VV
mA
10-4/°C
pF
ESDA25W
25
30
1
1
24
1.2
10
1.1
10
65
ESDA25W5
25
30
1
1
24
1.2
10
1.9
10
30
ESDA6V1-5W6
6.1
7.2
1
1
3
1.25
200
0.61
6
50
ESDA6V1W5
6.1
7.2
1
1
3
1.25
200
0.35
6
90
1.
Square pulse lpp = 15 A, tp = 2.5 µs
2.
VBR = aT* (Tamb - 25 °C) * VBR (25 °C)
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25°C) (ESDA25W)
Fig 1
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T initial (°C)
j
1
10
100
100
1000
10000
t (µs)
p
P(W)
PP
T initial = 25°C
j
ESDA25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com