Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B923 Datasheet (PDF) - Cypress Semiconductor

CY7B923 Datasheet PDF - Cypress Semiconductor
Part # CY7B923
Download  CY7B923 Download
File Size   629.72 Kbytes
Page   35 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description HOTLink??Transmitter/Receiver

CY7B923 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7B923 Datasheet PDF - Cypress Semiconductor

Part # CY7B923
Download  CY7B923 Click to download

File Size   629.72 Kbytes
Page   35 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description HOTLink??Transmitter/Receiver

CY7B923 Datasheet (HTML) - Cypress Semiconductor


CY7B923 Product details

Functional Description
The CY7B923 HOTLink‚ Transmitter and CY7B933 HOTLink Receiver are point-to-point communications building blocks that transfer data over high-speed serial links (fiber, coax, and twisted pair). Standard HOTLink data rates range from 160 to 330 Mbits/second. Higher speed HOTLink is also available for high-speed applications (160–400 Mbits/second), as well as, for low-cost applications, HOTLink-155 (150–160 Mbits/second operations). Figure 1 illustrates typical connections to host systems or controllers.

Features
• Fibre-Channel-compliant
• IBM ESCON®-compliant
• DVB-ASI-compliant
• ATM-compliant
• 8B/10B-coded or 10-bit unencoded
• Standard HOTLink®: 160–330 Mbps
• High-speed HOTLink: 160–400 Mbps for high-speed applications
• Low-speed HOTLink: 150–160 Mbps for low-cost fiber applications
• TTL synchronous I/O
• No external phase locked-loop (PLL) components
• Triple PECL 100K serial outputs
• Dual PECL 100K serial inputs
• Low power: 350 mW (Tx), 650 mW (Rx)
• Compatible with fiber-optic modules, coaxial cable, and twisted pair media
• Built-in Self-Test (BIST)
• Single +5V supply
• 28-pin SOIC/PLCC/LCC
• Pb-Free Packages Available
• 0.8µ BiCMOS




Similar Part No. - CY7B923

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
CY7B923-155JC CYPRESS-CY7B923-155JC Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
CY7B923-155JI CYPRESS-CY7B923-155JI Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
CY7B923-400JC CYPRESS-CY7B923-400JC Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
CY7B923-400JI CYPRESS-CY7B923-400JI Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
More results


Similar Description - CY7B923

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
CT2 RECEIVER/TRANSMITTER
Apr-1996
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
SMPTE HOTLink Transmitter/Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
HOTLink SMPTE Receiver Training Clock
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
SMPTE HOTLink??Transmitter/Receiver
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
Quad HOTLink II??Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
Quad HOTLink II??Transmitter
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
HOTLink II??SMPTE Receiver Training Clock
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
RSDS Transmitter/Receiver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com