Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

295T232R503C21 Datasheet (PDF) - CTS Corporation

295T232R503C21 Datasheet PDF - CTS Corporation
Part # 295T232R503C21
Download  295T232R503C21 Download
File Size   285.87 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long Life 24mm Diameter Carbon Composition Rotary Potentiometer

295T232R503C21 Datasheet (PDF)

Go To PDF Page Download Datasheet
295T232R503C21 Datasheet PDF - CTS Corporation

Part # 295T232R503C21
Download  295T232R503C21 Click to download

File Size   285.87 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long Life 24mm Diameter Carbon Composition Rotary Potentiometer

295T232R503C21 Datasheet (HTML) - CTS Corporation




Similar Part No. - 295T232R503C21

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295T220F103A11 CTS-295T220F103A11 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A12 CTS-295T220F103A12 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A21 CTS-295T220F103A21 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A22 CTS-295T220F103A22 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A31 CTS-295T220F103A31 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Similar Description - 295T232R503C21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
24mm Rotary Potentiometer
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com