Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

295T232R503C21 Datasheet(PDF) 1 Page - CTS Corporation

Part # 295T232R503C21
Description  Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

295T232R503C21 Datasheet(HTML) 1 Page - CTS Corporation

  295T232R503C21 Datasheet HTML 1Page - CTS Corporation 295T232R503C21 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical and Mechanical Specifications
Resistance Range
Linear taper: 10K ohms through 1 Megohms
Resistance Tolerance
±30%, ±20%, ±10%
Power Rating
Dielectric Stength
750 VAC for 1 minute
0.125 watts @50
°C
Stop Strength
9 kgf-cm minimum
Rotational Angle
300
°
Operating Temperature
-10°C to +85°C
Insulation Resistance
100 Megohm minimum @ 100 VDC
Rotational Torque
14~144 gf-cm (.2~2.0 in-oz )
Rotational Lif
250,000 cycles (240°~
1,000,000 cycles (40° ~ 110° electric effective angle)
e
Long Life
24mm Diameter
Carbon Composition
Rotary Potentiometer
1 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
02/22/10
CTS Electrocomponents
www.ctscorp.com
Linearity
Standard: 5%
Special: 3%, 2%
®
Electrocomponents
Series 295 Data Sheet
Data Sheet
Rotary Potentiometer
Maximum Operating Voltage
500 VDC
Push-Pull Strength on Shaft
13.6 kg for 10 seconds
Solder Heat Resistance
260°C for 5 seconds
• 1M Life Cycles Available
• 2% Precision Linearity Available
• Durable Brass Bushing and Shaft
Available
• Wide Resistance Range
• Low Noise
Features
• RoHS compliant
• Solder Lug, Faston Terminal
270° electric effective angle)


Similar Part No. - 295T232R503C21

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295T220F103A11 CTS-295T220F103A11 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A12 CTS-295T220F103A12 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A21 CTS-295T220F103A21 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A22 CTS-295T220F103A22 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
295T220F103A31 CTS-295T220F103A31 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results

Similar Description - 295T232R503C21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
24mm Rotary Potentiometer
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com