Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33889 Datasheet (PDF) - Motorola, Inc

PC33889 Datasheet PDF - Motorola, Inc
Part # PC33889
Download  PC33889 Download
File Size   464.7 Kbytes
Page   30 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface

PC33889 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC33889 Datasheet PDF - Motorola, Inc

Part # PC33889
Download  PC33889 Click to download

File Size   464.7 Kbytes
Page   30 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface

PC33889 Datasheet (HTML) - Motorola, Inc


PC33889 Product details

System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface

The MC33889 is a monolithic integrated circuit combining many functions frequently used by automotive ECUs. It incorporates a low speed fault tolerant CAN physical interface.

Main features:
• Vdd1: 5V Low drop voltage regulator, current limitation, over temperature detection, monitoring and reset function. Total current capability 200mA.
• V2: Tracking function of Vdd1 regulator. Control circuitry for external bipolar ballast transistor for high flexibility in choice of peripheral voltage and current supply.
• Four operational modes: normal, stand-by, stop and sleep modes.
• Low stand-by current consumption in stop and sleep modes
• Built in Low speed 125KBaud fault tolerant CAN physical interface, compatible with Motorola MC33388.
• External high voltage wake-up input, associated with HS1 Vbat switch
• 150mA output current capability for HS1 Vbat switch allowing drive of external switches pull up resistors or relays
• Vsup monitoring and failure detection
• DC Operating voltage from 5 to 27V
• 40V maximum transient voltage
• Programmable software time out and window watchdog
• Separate outputs for Watchdog time out signal (WDOGB) and Reset (Reset).
• Wake up capabilities: wake up input, programmable cyclic sense, forced wake up, CAN interface, SPI (CSB pin) and stop mode over current.
• Interface with MCU through 4 Mhz SPI.
• SO28WB package with thermal enhanced lead frame.




Similar Part No. - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
PC33887VW/R2 MOTOROLA-PC33887VW/R2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
PC33887VWR2 MOTOROLA-PC33887VWR2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
More results


Similar Description - PC33889

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com