Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33389 Datasheet (PDF) - Freescale Semiconductor, Inc

33389 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33389
Download  33389 Download
File Size   1271.56 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description System Basis Chip with Low Speed Fault Tolerant CAN

33389 Datasheet (PDF)

Go To PDF Page Download Datasheet
33389 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33389
Download  33389 Click to download

File Size   1271.56 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description System Basis Chip with Low Speed Fault Tolerant CAN

33389 Datasheet (HTML) - Freescale Semiconductor, Inc


33389 Product details

System Basis Chip with Low Speed Fault Tolerant CAN

The 33389 is a monolithic integrated circuit combining many functions frequently used by automotive Engine Control Units (ECUs). It incorporates a low speed fault tolerant CAN transceiver.

Features
• Dual Low Drop Voltage Regulators, with Respectively 100 mA and 200 mA Current Capabilities, Current Limitation, and Over Temperature Detection with Pre-warning
• 5.0 V Output Voltage for V1 Regulator
• Three Operational Modes (Normal, Stand-by, and Sleep Modes) Separated from the CAN Interface Operating Modes
• Low Speed 125 kBaud Fault Tolerant CAN Interface, Compatible with 33388 Stand Alone Physical Interface
• V1 Regulator Monitoring and Reset Function
• Three External High Voltage Wake-Up Inputs, Associated with V3 VBAT Switch
• 100 mA Output Current Capability for V3 VBAT Switch Allowing Drive of External Switches or Relays
• Low Stand-by and Sleep Current Consumption
• VBAT Monitoring and VBAT Failure Detection Capabilities
• DC Operating Voltage up to 27 V
• 40 V Maximum Transient Voltage
• Programmable Software Window Watchdog and Reset
• Wake-Up Capabilities (CAN Interface, Local Programmable Cycle Wake
• INterface with the MCU through the SPI
• Pb-Free Packaging Designated by Suffix Codes VW and EG




Similar Part No. - 33389

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3338 KR-3338 Datasheet
117Kb / 3P
KR Electronics part number 3338 is a 968 MHz highpass filter
logo
Heyco.
3338 HEYCO-3338 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Aptiv
33384128 APTIV-33384128 Datasheet
782Kb / 2P
APEX® 1.2 SensoMate™ SERIES
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STANLEY ELECTRIC CO.,LT...
3338S STANLEY-3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results


Similar Description - 33389

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com