Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33385 Datasheet (PDF) - Freescale Semiconductor, Inc

33385 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33385
Download  33385 Download
File Size   406.62 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad Low-side Driver

33385 Datasheet (PDF)

Go To PDF Page Download Datasheet
33385 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33385
Download  33385 Click to download

File Size   406.62 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad Low-side Driver

33385 Datasheet (HTML) - Freescale Semiconductor, Inc


33385 Product details

The MC33385 is a Quad Low-side Driver fully protected switch. This device is a general purpose Low-side Driver but has been especially designed to operate in engine management applications as injector driver or automotive gear box. It is interfaced directly with a microcontroller for parallel control of the load and the individual output diagnostic is done through a SPI. The diagnostic logic recognizes 4 failure types at each output stage: overcurrent, short to GND, open load, and over-temperature.



Features

• RDSON of 250mΩ per Output at 25°C

• Supplied from the main 5V VCC

• Input CMOS Compatible

• Diagnostic through SPI

• Nominal Current of 2A per Output

• Current Limitation at 3A with Automatic Turn Off

• Output Internally Clamped at 50V typ for Inductive Load Drive

• Junction to Case Thermal Resistance of 4.4°C/W

• Individual Output over Temperature Shutdown

• Pb-Free Packaging Designated by Suffix Code VW




Similar Part No. - 33385

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3338 KR-3338 Datasheet
117Kb / 3P
KR Electronics part number 3338 is a 968 MHz highpass filter
logo
Heyco.
3338 HEYCO-3338 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Aptiv
33384128 APTIV-33384128 Datasheet
782Kb / 2P
APEX® 1.2 SensoMate™ SERIES
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
STANLEY ELECTRIC CO.,LT...
3338S STANLEY-3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results


Similar Description - 33385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com