Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9333 Datasheet (PDF) - STMicroelectronics

L9333 Datasheet PDF - STMicroelectronics
Part # L9333
Download  L9333 Download
File Size   93.51 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW SIDE DRIVER

L9333 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9333 Datasheet PDF - STMicroelectronics

Part # L9333
Download  L9333 Click to download

File Size   93.51 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW SIDE DRIVER

L9333 Datasheet (HTML) - STMicroelectronics


L9333 Product details

DESCRIPTION
The L9333 is a monolithic integrated quad low side driver. It is intended to drive lines, lamps or relais in automotive or industrial applications.

■ WIDE OPERATING SUPPLY VOLTAGE RANGE FROM 4.5V UP TO 32V FOR TRANSIENT 45V
■ VERY LOW STANDBY QUIESCENT CURRENT TYPICALLY < 2µA
■ INPUT TO OUTPUT SIGNAL TRANSFER FUNCTION PROGRAMMABLE
■ HIGH SIGNAL RANGE FROM -14V UP TO 45V FOR ALL INPUTS
■ 3.3V CMOS COMPATIBLE INPUTS
■ DEFINED OUTPUT OFF STATE FOR OPEN INPUTS
■ FOUR OPEN DRAIN DMOS OUTPUTS, WITH RDSon = 1.5 FOR VS > 6V AT 25°C
■ OUTPUT CURRENT LIMITATION
■ CONTROLLED OUTPUT SLOPE FOR LOW EMI
■ OVERTEMPERATURE PROTECTION FOR EACH CHANNEL
■ INTEGRATED OUTPUT CLAMPING FOR FAST INDUCTIVE RECIRCULATION VFB > 45V
■ STATUS MONITORING FOR
    - OVERTEMPERATURE
    - DISCONNECTED GROUND OR SUPPLY VOLTAGE




Similar Part No. - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
349Kb / 13P
QUAD LOW SIDE DRIVER
Rev 2
L9333 STMICROELECTRONICS-L9333 Datasheet
348Kb / 13P
QUAD LOW SIDE DRIVER
Rev 2
L9333DIE1 STMICROELECTRONICS-L9333DIE1 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9333MD STMICROELECTRONICS-L9333MD Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9333MD-TR STMICROELECTRONICS-L9333MD-TR Datasheet
349Kb / 13P
QUAD LOW SIDE DRIVER
Rev 2
More results


Similar Description - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com