Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9338 Datasheet (PDF) - STMicroelectronics

L9338 Datasheet PDF - STMicroelectronics
Part # L9338
Download  L9338 Download
File Size   57.51 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW SIDE DRIVER

L9338 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9338 Datasheet PDF - STMicroelectronics

Part # L9338
Download  L9338 Click to download

File Size   57.51 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW SIDE DRIVER

L9338 Datasheet (HTML) - STMicroelectronics


L9338 Product details

DESCRIPTION
The L9338 is a monolithic integrated quad low side driver realized in advanced Multipower-BCD technology. It is intended to drive lines, lamps or relais in automotive or industrialapplications.

■ WIDE INPUT VOLTAGE RANGE FROM -24V UP TO +45V
■ WIDE OPERATING SUPPLY VOLTAGE RANGE FROM 4.5V UP TO 32V
■ REVERSE BIASING PROTECTED (VS = -24V)
■ VERY LOW STANDBY QUIESCENT CURRENT < 2µA
■ PROGRAMMABLE SIGNAL TRANSFER POLARITY
■ TTL AND CMOS COMPATIBLE INPUTS
■ DEFINED OUTPUT OFF STATE OFF FOR OPEN INPUTS
■ FOUR OPEN DRAIN DMOS OUTPUTS, WITH RDSon = 1.5 Ω at 25°C and VS > 6V
■ OUTPUT CURRENT LIMITATION
■ CONTROLLEDOUTPUTSLOPEFOR LOWEMI
■ OVERTEMPERATURE SHUT-DOWN
■ INTEGRATED OUTPUT CLAMPING FOR FAST INDUCTIVE RECIRCULATION VFB > 45V
■ STATUS MONITORING FOR
   - OVERTEMPERATURE
   - DISCONNECTED GROUND OR SUPPLY VOLTAGE
■ ESD: ALL PINS ARE GUARANTEED TILL 2kV HUMAN BODY MODEL




Similar Part No. - L9338

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9338 HAMAMATSU-L9338 Datasheet
57Kb / 2P
Infrared LED
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
172Kb / 14P
Quad low side driver
16-Sep-2013
logo
Hamamatsu Corporation
L9338 HAMAMATSU-L9338_15 Datasheet
156Kb / 4P
Infrared LED
More results


Similar Description - L9338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com