Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR107P Datasheet (PDF) - Leshan Radio Company

FR107P Datasheet PDF - Leshan Radio Company
Part # FR107P
Download  FR107P Download
File Size   199.73 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers

FR107P Datasheet (PDF)

Go To PDF Page Download Datasheet
FR107P Datasheet PDF - Leshan Radio Company

Part # FR107P
Download  FR107P Click to download

File Size   199.73 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers

FR107P Datasheet (HTML) - Leshan Radio Company


FR107P Product details

Reverse Voltage 50 to 1000V
Forward Current 1.0A

Feature & Dimensions
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed: 260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - FR107P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR107P RECTRON-FR107P Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FR107P LRC-FR107P Datasheet
52Kb / 2P
1A FAST RECOVERY DIODES
logo
Formosa MS
FR107P FORMOSA-FR107P Datasheet
59Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
FR107P PACELEADER-FR107P Datasheet
534Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Leshan Radio Company
FR107PG LRC-FR107PG_15 Datasheet
262Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers
More results


Similar Description - FR107P

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
BA159 LRC-BA159 Datasheet
352Kb / 3P
Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
BA159D LRC-BA159D Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com