Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4668 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM4668 Datasheet PDF - National Semiconductor (TI)
Part # LM4668
Download  LM4668 Download
File Size   472.21 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 10W High-Efficiency Mono BTL Audio Power Amplifier

LM4668 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4668 Datasheet PDF - National Semiconductor (TI)

Part # LM4668
Download  LM4668 Click to download

File Size   472.21 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 10W High-Efficiency Mono BTL Audio Power Amplifier

LM4668 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM4668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4663MT NSC-LM4663MT Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
More results


Similar Description - LM4668

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
logo
Panasonic Semiconductor
AN7161NFP PANASONIC-AN7161NFP Datasheet
225Kb / 4P
BTL High Audio Power Amplifier
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
logo
Sanyo Semicon Device
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com