Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCA5 Datasheet (PDF) - Astrodyne Corporation

MCA5 Datasheet PDF - Astrodyne Corporation
Part # MCA5
Download  MCA5 Download
File Size   496.71 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 5W Ultraminiature Modular Switching Power Supplies

MCA5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCA5 Datasheet PDF - Astrodyne Corporation

Part # MCA5
Download  MCA5 Click to download

File Size   496.71 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 5W Ultraminiature Modular Switching Power Supplies

MCA5 Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - MCA5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
logo
Vishay Siliconix
MCA-1206 VISHAY-MCA-1206 Datasheet
170Kb / 13P
Professional Thin Film Chip Resistors
16-Aug-16
MCA-1206-AT VISHAY-MCA-1206-AT Datasheet
151Kb / 10P
Precision Thin Film Chip Resistors
21-Feb-17
MCA-1206-VG01 VISHAY-MCA-1206-VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
MCA-1206-VG01 VISHAY-MCA-1206-VG01 Datasheet
155Kb / 8P
Thin Film Chip Resistors with Established Reliability
11-Jun-12
More results


Similar Description - MCA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
5W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
5W Medical Grade Ultraminiature Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
5W Ultraminiature Encapsulated Switching Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com