Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-5 Datasheet (PDF) - Astrodyne Corporation

MMA-5 Datasheet PDF - Astrodyne Corporation
Part # MMA-5
Download  MMA-5 Download
File Size   926.61 Kbytes
Page   5 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 5W Medical Grade Ultraminiature Switching Power Supplies

MMA-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA-5 Datasheet PDF - Astrodyne Corporation

Part # MMA-5
Download  MMA-5 Click to download

File Size   926.61 Kbytes
Page   5 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 5W Medical Grade Ultraminiature Switching Power Supplies

MMA-5 Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - MMA-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
Vishay Telefunken
MMA-0204 TFUNK-MMA-0204 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
logo
Vishay Siliconix
MMA-0204-HF VISHAY-MMA-0204-HF Datasheet
150Kb / 11P
High Frequency Thin Film MELF Resistors
26-Oct-15
MMA-0204-VG03 VISHAY-MMA-0204-VG03 Datasheet
183Kb / 8P
MELF Resistors with Established Reliability
21-May-12
More results


Similar Description - MMA-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
15W Ultraminiature Medical Grade Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
5W Ultraminiature Encapsulated Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
5W Ultraminiature Modular Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
15W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
5W Ultraminiature Modular Switching Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com