Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM10 Datasheet (PDF) - Astrodyne Corporation

ASM10 Datasheet PDF - Astrodyne Corporation
Part # ASM10
Download  ASM10 Download
File Size   735.42 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 10W Ultraminiature Medical Grade Switching Power Supplies

ASM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM10 Datasheet PDF - Astrodyne Corporation

Part # ASM10
Download  ASM10 Click to download

File Size   735.42 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 10W Ultraminiature Medical Grade Switching Power Supplies

ASM10 Datasheet (HTML) - Astrodyne Corporation


ASM10 Product details

Universal 85-265VAC Input

High Efficiency

Regulated Outputs

4000V Isolation

Single Outputs

UL60601-1, EN60601-1 & IEC60601-1

Single Output from 3.3 to 24 VDC


 




Similar Part No. - ASM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASM1042A ETC2-ASM1042A Datasheet
122Kb / 3P
The ASM1042A is ASMedia new generation of Universal Serial Bus 3.0 extended host controller
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
ASM1064 ETC2-ASM1064 Datasheet
341Kb / 19P
SATA 6Gbps Controller
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
More results


Similar Description - ASM10

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
15W Ultraminiature Medical Grade Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
15W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
10W Ultraminiature Encapsulated Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
10W Ultraminiature Modular Switching Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com