Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM10 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASM10
Description  10W Ultraminiature Medical Grade Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM10 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASM10 Datasheet HTML 1Page - Astrodyne Corporation ASM10 Datasheet HTML 2Page - Astrodyne Corporation ASM10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 0 series
300 myles standish Blvd., Taunton, ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COm
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
4000V Isolation
Single Outputs
UL60601-1, EN60601-1 & IEC60601-1
Single Output from 3.3 to 24 VDC
model Number
Output Voltage
Output amps (max)
(pk)
ASM-0100
3.3 VDC
2.5A
3.3A
ASM-0101
5 VDC
2A
2.6A
ASM-0102
12 VDC
0.85A
1.2A
ASM-0103
15VDC
0.67A
0.9A
ASM-0105
24VDC
0.42A
0.6A
2”W x 2.28”L x 0.66”H
Order On-Line!
astrodyne.com


Similar Part No. - ASM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASM1042A ETC2-ASM1042A Datasheet
122Kb / 3P
The ASM1042A is ASMedia new generation of Universal Serial Bus 3.0 extended host controller
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
ASM1064 ETC2-ASM1064 Datasheet
341Kb / 19P
SATA 6Gbps Controller
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
More results

Similar Description - ASM10

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
15W Ultraminiature Medical Grade Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
15W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
10W Ultraminiature Encapsulated Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com