Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM10 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASM10
Description  10W Ultraminiature Medical Grade Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM10 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASM10 Datasheet HTML 1Page - Astrodyne Corporation ASM10 Datasheet HTML 2Page - Astrodyne Corporation ASM10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 0 series
300 myles standish Blvd., Taunton, ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COm
mECHaNICaL DImENsIONs
J1 (aC Input)
Pin 1
AC Neutral
Pin 3
AC Line
J2 (DC Output)
Pin 1
+Vout
Pin 3
Return
NOTE:
For Class II operation (no earth
Gnd), insulating type hardware must
be used at this mounting hole
10 Watt
2.0
2.28
0.68
0.12” Dia. Mtg Holes (4 plcs)
0.1
0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com