Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR16C854 Datasheet (PDF) - Exar Corporation

XR16C854 Datasheet PDF - Exar Corporation
Part # XR16C854
Download  XR16C854 Download
File Size   476.02 Kbytes
Page   51 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO

XR16C854 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR16C854 Datasheet PDF - Exar Corporation

Part # XR16C854
Download  XR16C854 Click to download

File Size   476.02 Kbytes
Page   51 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO

XR16C854 Datasheet (HTML) - Exar Corporation


XR16C854 Product details

GENERAL DESCRIPTION

The XR16C854/854D1 (854) is an enhanced quad Universal Asynchronous Receiver and Transmitter (UART) each with 128 bytes of transmit and receive FIFOs, transmit and receive FIFO counters and trigger levels, automatic hardware and software flow control, and data rates of up to 2 Mbps. Each UART has a set of registers that provide the user with operating status and control, receiver error indications, and modem serial interface controls. System interrupts may be tailored to meet design requirements. An internal loopback capability allows onboard diagnostics. The 854 is available in 64-pin LQFP, 68-pin PLCC and 100-pin QFP packages. The 64-pin package only offers the 16 mode interface, but the 68 and 100 pin packages offer an additional 68 mode interface which allows easy integration with Motorola processors.



FEATURES

Added feature in devices with top mark date code of "F2 YYWW" and newer:

   ■ 5 volt tolerant inputs

• 2.97 to 5.5 Volt Operation

• Pin-to-pin compatible with the industry standard ST16C554 and ST16C654 and TI’s TL16C554N and TL16C754BFN

• Intel or Motorola Data Bus Interface select

• Four independent UART channels

   ■ Register Set Compatible to 16C550

   ■ Data rates of up to 2 Mbps

   ■ Transmit and Receive FIFOs of 128 bytes

   ■ Programmable TX and RX FIFO Trigger Levels

   ■ Transmit and Receive FIFO Level Counters

   ■ Automatic Hardware (RTS/CTS) Flow Control

   ■ Selectable Auto RTS Flow Control Hysteresis

   ■ Automatic Software (Xon/Xoff) Flow Control

   ■ Wireless Infrared (IrDA 1.0) Encoder/Decoder

• Sleep Mode (200 uA typical)

• Crystal oscillator or external clock input



APPLICATIONS

• Portable Appliances

• Telecommunication Network Routers

• Ethernet Network Routers

• Cellular Data Devices

• Factory Automation and Process Controls



 




Similar Part No. - XR16C854

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854CJ EXAR-XR16C854CJ Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854CJ EXAR-XR16C854CJ Datasheet
1Mb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854CQ EXAR-XR16C854CQ Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854CQ EXAR-XR16C854CQ Datasheet
1Mb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854CV EXAR-XR16C854CV Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Similar Description - XR16C854

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Exar Corporation
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com