Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR16C850 Datasheet (PDF) - Exar Corporation

XR16C850 Datasheet PDF - Exar Corporation
Part # XR16C850
Download  XR16C850 Download
File Size   331.36 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control

XR16C850 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR16C850 Datasheet PDF - Exar Corporation

Part # XR16C850
Download  XR16C850 Click to download

File Size   331.36 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control

XR16C850 Datasheet (HTML) - Exar Corporation


XR16C850 Product details

GENERAL DESCRIPTION

The XR16C850*1 (850) is a universal asynchronous receiver and transmitter (UART) and is pin compatible with the ST16C550,ST16C650A, and TI’s TL16C750 UART. The 850 is an enhanced UART with 128 byte FIFOs, automatic hardware/software flow control, and data rates up to 1.5Mbps. It includes transmit/receive FIFO counters to increase data loading and unloading throughput. Onboard status registers provide error indications and operational status. Modem interface control is included and can be optionally configured to operate with the Infrared (IrDA) encoder/decoder. Internal loopback allows onboard diagnostics.



FEATURES

• Pin to pin compatible to ST16C550, ST16C650A and TL16C750

• Transmit/receive FIFO counters

• 128 bytes of Transmit/Receive FIFO

• RS-485 half duplex direction control

• Automatic software/hardware flow control

• Programmable, selectable transmit/receive trigger levels

• Infrared transmitter and receiver encoder/decoder

• Up to 1.5Mbps data rate

• Sleep mode (100µA standby)

• Small 7x7mm TQFP

• +5 or 3.3 Volts operation

• Windows2 drivers available



 




Similar Part No. - XR16C850

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM EXAR-XR16C850CM Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM EXAR-XR16C850CM Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Similar Description - XR16C850

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
16C2850 EXAR-16C2850 Datasheet
728Kb / 44P
DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com