Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C550 Datasheet (PDF) - Exar Corporation

ST16C550 Datasheet PDF - Exar Corporation
Part # ST16C550
Download  ST16C550 Download
File Size   227.01 Kbytes
Page   35 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART WITH 16-BYTE FIFO?셲

ST16C550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C550 Datasheet PDF - Exar Corporation

Part # ST16C550
Download  ST16C550 Click to download

File Size   227.01 Kbytes
Page   35 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART WITH 16-BYTE FIFO?셲

ST16C550 Datasheet (HTML) - Exar Corporation


ST16C550 Product details

GENERAL DESCRIPTION
The ST16C550 (550) is a universal asynchronous receiver and transmitter with 16 byte transmit and receive FIFO. It operates at 2.97 to 5.5 volts. A programmable baud rate generator can select transmit and receive clock rates from 50 bps to 1.5 Mbps.

FEATURES
• Pin to pin and functionally compatible to the Industry Standard 16C550
• 2.97 to 5.5 volt operation
• 24MHz clock operation at 5V
• 16MHz clock operation at 3.3V
• 16 byte transmit FIFO
• 16 byte receive FIFO with error flags
• Full duplex operation
• Transmit and receive control
• Four selectable receive FIFO interrupt trigger levels
• Standard modem interface
• Compatible with ST16C450
• Low operating current ( 1.2mA typ.)




Similar Part No. - ST16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
logo
SYC Electronica
ST16C550CJ44 SYC-ST16C550CJ44 Datasheet
301Kb / 34P
UART WITH 16-BYTE FIFO’s
Rev. 4.30
logo
Exar Corporation
ST16C550CP40 EXAR-ST16C550CP40 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
logo
SYC Electronica
ST16C550CP40 SYC-ST16C550CP40 Datasheet
301Kb / 34P
UART WITH 16-BYTE FIFO’s
Rev. 4.30
More results


Similar Description - ST16C550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com