Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580 Datasheet (PDF) - Exar Corporation

ST16C580 Datasheet PDF - Exar Corporation
Part # ST16C580
Download  ST16C580 Download
File Size   244.32 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER

ST16C580 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C580 Datasheet PDF - Exar Corporation

Part # ST16C580
Download  ST16C580 Click to download

File Size   244.32 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER

ST16C580 Datasheet (HTML) - Exar Corporation


ST16C580 Product details

GENERAL DESCRIPTION
The ST16C5801is a universal asynchronous receiver and transmitter (UART) and is pin compatible with the ST16C550 UART. The 580 is an enhanced UART with 16 byte FIFO’s, automatic hardware/software flow control, and data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status. Modem interface control is included and can be optionally configured to operate with the Infrared (IrDA) encoder/decoder. The system interrupts may be tailored to meet user requirements. An internal loop-back capability allows onboard diagnostics. The 580 is available in 40 pin PDIP, 44 pin PLCC, and 48 pin TQFP packages. It is fabricated in an advanced CMOS process to achieve low drain power and high speed requirements.

FEATURES
 • Pin to pin and functionally compatible to the Industry Standard 16550
 • 2.97 to 5.5 volt operation
 • 1.5 Mbps transmit/receive operation (24MHz)
 • 16 byte transmit FIFO
 • 16 byte receive FIFO with error flags
 • Automatic hardware/software flow control
 • Programmable Xon/Xoff characters
 • Independent transmit and receive control
 • Software selectable Baud Rate Generator prescaleable clock rates of 1X or 4X
 • Four selectable transmit/receive FIFO interrupt trigger levels
 • Standard modem interface or Infrared IrDA encode/ decoder interface
 • Sleep mode ( 200µA stand-by )
 • Low operating current ( 1.2mA typ.)




Similar Part No. - ST16C580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CQ48 EXAR-ST16C580CQ48 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580IQ48 EXAR-ST16C580IQ48 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results


Similar Description - ST16C580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com