Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD98L59 Datasheet (PDF) - Exar Corporation

XRD98L59 Datasheet PDF - Exar Corporation
Part # XRD98L59
Download  XRD98L59 Download
File Size   349.32 Kbytes
Page   37 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CCD Image Digitizers with CDS, PGA and 10-Bit A/D

XRD98L59 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD98L59 Datasheet PDF - Exar Corporation

Part # XRD98L59
Download  XRD98L59 Click to download

File Size   349.32 Kbytes
Page   37 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CCD Image Digitizers with CDS, PGA and 10-Bit A/D

XRD98L59 Datasheet (HTML) - Exar Corporation


XRD98L59 Product details

GENERAL DESCRIPTION
The XRD9859 is a complete low power CCD Image Digitizer for digital, motion and still cameras. The product includes a high bandwidth differential Correlated Double Sampler (CDS), 8-bit digitally Programmable Gain Amplifier (PGA), 10-bit Analog-to-Digital Converter (ADC) and improved digitally controlled black level auto-calibration circuitry with pixel averager hot pixel clipper, and a DNS filter.

FEATURES
• 10-bit Resolution ADC
• 20MHz Sampling Rate
• Programmable Gain: 6dB to 38dB PGA (2x to 80x)
• Improved Digitally Controlled Offset-Calibration with Pixel Averager and Hot Pixel Clipper
• DNS Filter Removes Black Level Digital Noise
• Widest Black Level Calibration Range at Maximum Gain
• Manual Control of Offset DAC via Serial Port for Use with High Speed Scanners
• 2ns/step Programmable Aperture Delay on SPIX and SBLK
• Single 5V ± 10% or 3V ± 10% Power Supply
• Low Power for Battery Operation
    XRD9859: 250mW @ VDD =5.0V
    XRD98L59: 120mW @ VDD=3.0V
• 10µA Typical Stand By Mode Current
• Three-State Digital Outputs
• 2,000V ESD Protection
• 28-pin SSOP Package

APPLICATIONS
• Digital Still Cameras
• Digital Camcorders
• PC Video Cameras
• CCTV/Security Cameras
• Industrial/Medical Cameras
• 2D Bar Code Readers
• High Speed Scanners
• Digital Copiers




Similar Part No. - XRD98L59

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L53 EXAR-XRD98L53 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L53AIV EXAR-XRD98L53AIV Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L55 EXAR-XRD98L55 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L55AIV EXAR-XRD98L55AIV Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
More results


Similar Description - XRD98L59

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
logo
Exar Corporation
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com