Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754 Datasheet (PDF) - YAMAHA CORPORATION

YMF754 Datasheet PDF - YAMAHA CORPORATION
Part # YMF754
Download  YMF754 Download
File Size   305.98 Kbytes
Page   60 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description DS-1E

YMF754 Datasheet (PDF)

Go To PDF Page Download Datasheet
YMF754 Datasheet PDF - YAMAHA CORPORATION

Part # YMF754
Download  YMF754 Click to download

File Size   305.98 Kbytes
Page   60 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description DS-1E

YMF754 Datasheet (HTML) - YAMAHA CORPORATION


YMF754 Product details

OVERVIEW
YMF754 (DS-1E) is a high performance audio controller for the PCI Bus. DS-1E consists of two separated functional blocks. One is the PCI Audio block and the other is the Legacy Audio block.
PCI Audio block provides 64-voice XG wavetable synthesizer with reverb and variation by using the software driver from YAMAHA. It also supports DirectSound hardware accelerator, Downloadable Sound (DLS) and DirectMusic accelerator.

FEATURES
• PCI 2.2 Compliant
• PC98 / PC99 specification Compliant
• PCI Bus Power Management rev. 1.0 Compliant (Support D0, D2 and D3 state)
• Supports clock run
• PCI Bus Master for PCI Audio
    True Full Duplex Playback and Capture with different Sampling Rate
    Maximum 64-voice XG capital Wavetable
    Synthesizer including GM compatibility
    DirectSound Hardware Acceleration
    DirectMusic Hardware Acceleration
    Downloadable Sound (DLS) level-1
• Legacy Audio compatibility
    FM Synthesizer
    Hardware Sound Blaster Pro compatibility
    MPU401 UART mode MIDI interface
    Joystick
• Supports PC/PCI and Distributed DMA for legacy DMAC (8237) emulation
• Supports Serialized IRQ
• Supports I2S serial input for Zoomed Video Port
• Supports Consumer IEC958 Port (SPDIF In/Out)
• Supports direct recording function for SPDIF In
• Capability for using SPDIF In and Zoomed Video Port at the same time.
• Supports AC’97 Interface (AC-Link) Revision 2.1
• AC’97 Digital Docking
• Supports 4-Channel Speaker
• Hardware Volume Control
• EEPROM Interface
• Single Crystal operation (24.576MHz)
• Power supply: 3.3V for I/O (5V tolerant), 2.5V for Internal core logic
• 128-pin LQFP YMF754-V : 0.5mm pin pitch YMF754-R : 0.4mm pin pitch




Similar Part No. - YMF754

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF752-S YAMAHA-YMF752-S Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
AC97 Revision2.2 Audio CODEC with Digital Audio I/F
More results


Similar Description - YMF754

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS1E-3-01 RICHCO-LEDS1E-3-01 Datasheet
77Kb / 1P
LED SPACERS (TYPE 1E)
logo
NEC
R110D-1E NEC-R110D-1E Datasheet
896Kb / 2P
Powerful entry rack server NEC Express5800/R110d-1E
logo
OmniVision Technologies...
OV2715-1E OMNIVISION-OV2715-1E Datasheet
1Mb / 2P
OV2715-1E full HD (1080p) product brief
logo
PHOENIX CONTACT
1105707 PHOENIX-1105707 Datasheet
760Kb / 21P
Interface converters - GW PN/MODBUS 1E/1DB9
Dec 2, 2022
1105708 PHOENIX-1105708 Datasheet
762Kb / 21P
Interface converters - GW PN/MODBUS 1E/2DB9
Dec 2, 2022
1021058 PHOENIX-1021058 Datasheet
762Kb / 21P
Interface converters - GW PN/ASCII 1E/2DB9
Dec 2, 2022
1021080 PHOENIX-1021080 Datasheet
761Kb / 21P
Interface converters - GW PN/ASCII 1E/1DB9
Dec 2, 2022
1062423 PHOENIX-1062423 Datasheet
709Kb / 19P
Interface converters - GW EIP/MODBUS 1E/2DB9
Dec 2, 2022
1108712 PHOENIX-1108712 Datasheet
313Kb / 10P
Interface converters - GW PN/DP 1E/1DB9
Dec 2, 2022
logo
TRACO Electronic AG
TEA1E TRACOPOWER-TEA1E Datasheet
2Mb / 3P
TEA 1E Series, 1 Watt
Rev. November 30, 2022
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com